Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 51Page - STMicroelectronics STA321 Datasheet HTML 52Page - STMicroelectronics STA321 Datasheet HTML 53Page - STMicroelectronics STA321 Datasheet HTML 54Page - STMicroelectronics STA321 Datasheet HTML 55Page - STMicroelectronics STA321 Datasheet HTML 56Page - STMicroelectronics STA321 Datasheet HTML 57Page - STMicroelectronics STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 157 page
background image
STA321
FFX
Doc ID 15351 Rev 3
55/157
7.3
PWM shift feature
In new phase shift modulation it is possible to shift one output with respect to the other one.
This can reduce the noise generated by the simultaneous switching of two or more outputs.
The shift is performed through by programming bits PS_nA and PS_nB in registers
PWMOnCFG1-2 (where n is the number, 1 to 4, of the output) beginning on page 91.
Figure 32.
New phase shift modulation with shift feature
A-B
A
B
without
shift
A
B
with
shift
A-B
dn
up
up’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More