Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 46Page - STMicroelectronics STA321 Datasheet HTML 47Page - STMicroelectronics STA321 Datasheet HTML 48Page - STMicroelectronics STA321 Datasheet HTML 49Page - STMicroelectronics STA321 Datasheet HTML 50Page - STMicroelectronics STA321 Datasheet HTML 51Page - STMicroelectronics STA321 Datasheet HTML 52Page - STMicroelectronics STA321 Datasheet HTML 53Page - STMicroelectronics STA321 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 157 page
background image
Digital processing stage
STA321
50/157
Doc ID 15351 Rev 3
0x0CE
#11 b1
0x000000
(Ch2-biquad)
0x0F1
#5 b1
0x000000
(Ch3-biquad)
0x0CF
#11 b2
0x000000
0x0F2
#5 b2
0x000000
0x0D0
#11 a2
0x000000
0x0F3
#5 a2
0x000000
0x0D1
#11 a1
0x000000
0x0F4
#5 a1
0x000000
0x0D2
#12 b0
0x400000
0x0F5
#6 b0
0x400000
0x0D3
#12 b1
0x000000
0x0F6
#6 b1
0x000000
0x0D4
#12 b2
0x000000
0x0F7
#6 b2
0x000000
0x0D5
#12 a2
0x000000
0x0F8
#6 a2
0x000000
0x0D6
#12 a1
0x000000
0x0F9
#6 a1
0x000000
0x0D7
#0 b0
0x400000
Ch3-biquad
0x0FA
#7 b0
0x400000
0x0D8
#0 b1
0x000000
0x0FB
#7 b1
0x000000
0x0D9
#0 b2
0x000000
0x0FC
#7 b2
0x000000
0x0DA
#0 a2
0x000000
0x0FD
#7 a2
0x000000
0x0DB
#0 a1
0x000000
0x0FE
#7 a1
0x000000
0x0DC
#1 b0
0x400000
0x0FF
#8 b0
0x400000
0x0DD
#1 b1
0x000000
0x100
#8 b1
0x000000
0x0DE
#1 b2
0x000000
0x101
#8 b2
0x000000
0x0DF
#1 a2
0x000000
0x102
#8 a2
0x000000
0x0E0
#1 a1
0x000000
0x103
#8 a1
0x000000
0x0E1
#2 b0
0x400000
0x104
#9 b0
0x400000
0x0E2
#2 b1
0x000000
0x105
#9 b1
0x000000
0x0E3
#2 b2
0x000000
0x106
#9 b2
0x000000
0x0E4
#2 a2
0x000000
0x107
#9 a2
0x000000
0x0E5
#2 a1
0x000000
0x108
#9 a1
0x000000
0x0E6
#3 b0
0x400000
0x109
#10 b0
0x400000
0x0E7
#3 b1
0x000000
0x10A
#10 b1
0x000000
0x0E8
#3 b2
0x000000
0x10B
#10 b2
0x000000
0x0E9
#3 a2
0x000000
0x10C
#10 a2
0x000000
0x0EA
#3 a1
0x000000
0x10D
#10 a1
0x000000
0x0EB
#3 b0
0x400000
0x10E
#11 b0
0x400000
0x0EC
#4 b1
0x000000
0x10F
#11 b1
0x000000
0x0ED
#4 b2
0x000000
0x110
#11 b2
0x000000
0x0EE
#4 a2
0x000000
0x111
#11 a2
0x000000
0x0EF
#4 a1
0x000000
0x112
#11 a1
0x000000
0x0F0
#5 b0
0x400000
0x113
#12 b0
0x400000
Table 22.
RAM mapping for processing stage (continued)
Addr
Descr.
Default
Block
Addr
Descr.
Default
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More