Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 30Page - STMicroelectronics STA321 Datasheet HTML 31Page - STMicroelectronics STA321 Datasheet HTML 32Page - STMicroelectronics STA321 Datasheet HTML 33Page - STMicroelectronics STA321 Datasheet HTML 34Page - STMicroelectronics STA321 Datasheet HTML 35Page - STMicroelectronics STA321 Datasheet HTML 36Page - STMicroelectronics STA321 Datasheet HTML 37Page - STMicroelectronics STA321 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 157 page
background image
Digital processing stage
STA321
34/157
Doc ID 15351 Rev 3
6
Digital processing stage
6.1
Signal processing flow
The STA321 provides 4 channels of audio signal processing. The block diagram is shown in
the following figure.
Figure 13.
Processing flow
Left and right channels coming from the two serial audio interfaces and ADC (left and right
channels) are fed into the selection multiplexer (controlled by register SRCINSEL on
page 128), so that each channel can be connected to any desired processing chain. The
four channels are then sample rate converted to the fixed internal sampling rate. Pre mix,
EQ/tone processing, programmable delay, post mix, and volume/limiter make up the
STA321 signal processing chain.
Figure 14.
Processing data multiplexer
Bq0
Bq12
Bq12
Bq12
Bq12
EQ - tone control
13 biquads
kZ-1
kZ-1
kZ-1
kZ-1
Delay
- G2
- G0
- G1
- G3
Vol 3
Vol 2
Vol 1
Vol 0
Volume control
Limiter
rate
converter
Sample
Bq0
Bq0
Bq0
Pre scaler
32
SAI_in1
00
16
ADC
01
32
SAI_in2
10
24
SRCINSEL[7:6]
24
SRC1
ch0_in
ch1_in
PROC ch0
PROC ch1
PROC ch2
PROC ch3
24
24
24
32
SAI_in1
00
16
ADC
01
32
SAI_in2
10
20
24
SRC2
ch2_in
ch3_in
ch0_out
ch1_out
ch2_out
ch3_out
20
20
20
SRCINSEL[5:4]
FFX
2-channel signal
1-channel signal
To SAI_out
multiplexers
Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More