| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321 Fiches technique(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Fiches technique(HTML) 90 Page - STMicroelectronics |
|
90 / 157 page ![]() Register description STA321 90/157 Doc ID 15351 Rev 3 POWST Status register for external amplifier Address: 0x0F Type: RO Reset: 0x05 Description: POWST1 Status register for CMOS bridge Address: 0x10 Type: RO Reset: 0x47 Description: 765 432 10 Reserved EA_TW EA_PD EA_FT EA_TS [7:4] Reserved [3] EA_TW 1: EA thermal warning [2] EA_PD 1: EA power-down [1] EA_FT 1: EA is in fault [0] EA_TS 1: EA is in 3-state 765 432 10 Reserved CB_PD CB_FT[2:0] CB_TS[2:0] [7] Reserved [6] CB_PD 1: CMOS bridge is in power-down [5:3] CB_FT[2:0] xx1: CMOS bridge channel 1 is in fault x1x: CMOS bridge channel 2 is in fault 1xx: CMOS bridge channel 3 is in fault [2:0] CB_TS[2:0] xx1: CMOS bridge channel 1 is in 3-state x1x: CMOS bridge channel 2 is in 3-state 1xx: CMOS bridge channel 3 is in 3-state |