Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 147 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 147 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 143Page - STMicroelectronics STA321 Datasheet HTML 144Page - STMicroelectronics STA321 Datasheet HTML 145Page - STMicroelectronics STA321 Datasheet HTML 146Page - STMicroelectronics STA321 Datasheet HTML 147Page - STMicroelectronics STA321 Datasheet HTML 148Page - STMicroelectronics STA321 Datasheet HTML 149Page - STMicroelectronics STA321 Datasheet HTML 150Page - STMicroelectronics STA321 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
147/157
ROMSIGN0
ROM BIST signature (LSBs)
Address:
0xD6
Type:
RO
Reset:
0x00
Description:
ROMSIGN1
ROM BIST signature (middle bits)
Address:
0xD7
Type:
RO
Reset:
0x00
Description:
ROMSIGN2
ROM BIST signature (MSBs)
Address:
0xD8
Type:
RO
Reset:
0x00
Description:
76
54
32
10
CF_ROMS[7:0]
[7:0] CF_ROMS[7:0]
LSBs of ROM BIST signature CF_ROMS[23:0]
76
54
32
10
CF_ROMS[15:8]
[7:0] CF_ROMS[15:8]
Middle bits of ROM BIST signature CF_ROMS[23:0]
76
54
32
10
CF_ROMS[23:16]
[7:0] CF_ROMS[23:16]
MSBs of ROM BIST signature CF_ROMS[23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More