Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 140Page - STMicroelectronics STA321 Datasheet HTML 141Page - STMicroelectronics STA321 Datasheet HTML 142Page - STMicroelectronics STA321 Datasheet HTML 143Page - STMicroelectronics STA321 Datasheet HTML 144Page - STMicroelectronics STA321 Datasheet HTML 145Page - STMicroelectronics STA321 Datasheet HTML 146Page - STMicroelectronics STA321 Datasheet HTML 147Page - STMicroelectronics STA321 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 157 page
background image
Register description
STA321
144/157
Doc ID 15351 Rev 3
BISTST1
BIST status register 1
Address:
0xD3
Type:
RO
Reset:
0x00
Description:
76
54
32
10
SS1_BFAIL
SS2_BEND
SS2_BBAD
SS2_BFAIL
CF_BEND
CF_BBAD
CF_BFAIL
PR_BEND
[7] SS1_BFAIL
For SRC1 RAM BIST
0: no faults detected in the current location
1: at least one fault detected in the current location
[6] SS2_BEND:
For SRC2 RAM BIST
0: normal functional mode
1: BIST is finished
[5] SS2_BBAD
For SRC2 RAM BIST
0: no faults detected
1: at least one fault detected
[4] SS2_BFAIL
For SRC2 RAM BIST
0: no faults detected in the current location
1: at least one fault detected in the current location
[3] CF_BEND:
For PROC RAM BIST
0: normal functional mode
1: BIST is finished
[2] CF_BBAD
For PROC RAM BIST
0: no faults detected
1: at least one fault detected
[1] CF_BFAIL
For PROC RAM BIST
0: no faults detected in the current location
1: at least one fault detected in the current location
[0] PR_BEND:
For PROC RAM BIST
0: normal functional mode
1: BIST is finished



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More