| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321 Fiches technique(PDF) 139 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Fiches technique(HTML) 139 Page - STMicroelectronics |
|
139 / 157 page ![]() STA321 Register description Doc ID 15351 Rev 3 139/157 STBY_MODES Address: 0xCD Type: RW Reset: 0x00 Description: ADCCFG1 ADC analog input selection Address: 0xCE Type: RW Reset: 0x00 Description: 76 54 32 10 PAD_PULLDIS Reserved CMP_EN_N DC_STBY_EN_ N [7] PAD_PULLDIS 0: Enable the pull (up/down) of the pads 1: Disable the pull (up/down) of the pads [6:2] Reserved [1] CMP_EN_N 0: compensation cell is active 1: compensation cell goes into power-down mode when pin STBY is asserted [0] DC_STBY_EN_N 0: DC regulators are active 1: DC regulators go into power-down mode when pin STBY is asserted 76 54 32 10 ADC_ANA_SEL Reserved [7:6] ADC_ANA_SEL 00: INL1, INR1 01: INL2, INR2 1x: reserved [5:0] Reserved |