| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321 Fiches technique(PDF) 138 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Fiches technique(HTML) 138 Page - STMicroelectronics |
|
138 / 157 page ![]() Register description STA321 138/157 Doc ID 15351 Rev 3 HPDET2 Address: 0xCB Type: RW Reset: 0xC0 Description: HPDST Headphone detection status Address: 0xCC Type: RO Reset: 0x00 Description: 76 54 32 10 E_HP2 E_HP1 TUD_EN Reserved E_HPDET1 E_HPDET2 [7] E_HP2 0: headphone detection 2 is disabled 1: headphone detection 2 is enabled [6] E_HP1 0: headphone detection 1 is disabled 1: headphone detection 1 is enabled [5] TUD_EN 1: disable the pull-up resistor of the headphones detector [4:2] Reserved [1] E_HPDET1 Headphone 1 detector line (not filtered) [0] E_HPDET2 Headphone 2 detector line (not filtered) 76 54 32 10 HPD_DET_FILT Reserved [7] HPD_DET_FILT 0: no headphones 1: headphones detected [6:0] Reserved |