| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321 Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 157 page ![]() Register description STA321 108/157 Doc ID 15351 Rev 3 START_ADDR1 Address: 0x62 Type: RW Reset: 0x00 Description: ROM_REMAP Address: 0x6F Type: RW Reset: 0x00 Description: 765 432 10 I2CSTART_A7_A0 [7:0] I2CSTART_A7_A0 Base address of the biquadratic to be updated (= address of the b0 coefficient) 765 432 10 Reserved ENAB_PRE3 ENAB_PRE2 ENAB_PRE1 ENAB_PRE0 ENAB_POST ENAB_PRMIX ENAB_DELAY [7] Reserved [6] ENAB_PRE3 0: pre scale value of channel 3 taken from RAM 1: pre scale value of channel 3 taken from ROM [5] ENAB_PRE2 0: pre scale value of channel 2 taken from RAM 1: pre scale value of channel 2 taken from ROM [4] ENAB_PRE1 0: pre scale value of channel 1 taken from RAM 1: pre scale value of channel 1 taken from ROM [3] ENAB_PRE0 0: pre scale value of channel 0 taken from RAM 1: pre scale value of channel 0 taken from ROM [2] ENAB_POST 0: post mix values taken from RAM 1: post mix values taken from ROM [1] ENAB_PRMIX 0: pre mix values taken from RAM 1: pre mix values taken from ROM [0] ENAB_DELAY 0: Delay values taken from RAM 1: Delay values taken from ROM |