Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321 Fiches technique(PDF) 106 Page - STMicroelectronics

No de pièce STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Fiches technique(HTML) 106 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 102Page - STMicroelectronics STA321 Datasheet HTML 103Page - STMicroelectronics STA321 Datasheet HTML 104Page - STMicroelectronics STA321 Datasheet HTML 105Page - STMicroelectronics STA321 Datasheet HTML 106Page - STMicroelectronics STA321 Datasheet HTML 107Page - STMicroelectronics STA321 Datasheet HTML 108Page - STMicroelectronics STA321 Datasheet HTML 109Page - STMicroelectronics STA321 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 157 page
background image
Register description
STA321
106/157
Doc ID 15351 Rev 3
I2CA2_TOP
Address:
0x5D
Type:
RW
Reset:
0x00
Description:
I2CA2_MID
Address:
0x5E
Type:
RW
Reset:
0x00
Description:
I2CA2_BOT
Address:
0x5F
Type:
RW
Reset:
0x00
Description:
765
432
10
I2CA2[23:16]
[7:0] I2CA2[23:16]
MSBs of coefficient a2
765
432
10
I2CA2[15:8]
[7:0] I2CA2[15:8]
Middle bits of coefficient a2
765
432
10
I2CA2[7:0]
[7:0] I2CA2[7:0]
LSBs of coefficient a2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More