Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 111 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 111 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 107Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 108Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 109Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 110Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 111Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 112Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 113Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 114Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 256 page
background image
B100 C1FLTCON4
31:16 FLTEN19
MSEL19<1:0>
FSEL19<4:0>
FLTEN18
MSEL18<1:0>
FSEL18<4:0>
0000
15:0
FLTEN17
MSEL17<1:0>
FSEL17<4:0>
FLTEN16
MSEL16<1:0>
FSEL16<4:0>
0000
B110 C1FLTCON5
31:16 FLTEN23
MSEL23<1:0>
FSEL23<4:0>
FLTEN22
MSEL22<1:0>
FSEL22<4:0>
0000
15:0
FLTEN21
MSEL21<1:0>
FSEL21<4:0>
FLTEN20
MSEL20<1:0>
FSEL20<4:0>
0000
B120 C1FLTCON6
31:16 FLTEN27
MSEL27<1:0>
FSEL27<4:0>
FLTEN26
MSEL26<1:0>
FSEL26<4:0>
0000
15:0
FLTEN25
MSEL25<1:0>
FSEL25<4:0>
FLTEN24
MSEL24<1:0>
FSEL24<4:0>
0000
B130 C1FLTCON7
31:16 FLTEN31
MSEL31<1:0>
FSEL31<4:0>
FLTEN30
MSEL30<1:0>
FSEL30<4:0>
0000
15:0
FLTEN29
MSEL29<1:0>
FSEL29<4:0>
FLTEN28
MSEL28<1:0>
FSEL28<4:0>
0000
B140
C1RXFn
(n = 0-31)
31:16
SID<10:0>
-—
EXID
—
EID<17:16>
xxxx
15:0
EID<15:0>
xxxx
B340
C1FIFOBA
31:16
C1FIFOBA<31:0>
0000
15:0
0000
B350
C1FIFOCONn
(n = 0-31)
31:16
—
—
—
—
—
—
—
—
—
—
—FSIZE<4:0>
0000
15:0
—
FRESET
UINC
DONLY
—
—
—
—
TXEN
TXABAT
TXLARB
TXERR
TXREQ
RTREN
TXPRI<1:0>
0000
B360
C1FIFOINTn
(n = 0-31)
31:16
—
—
—
—
—
TXNFULLIE TXHALFIE TXEMPTYIE
—
—
—
—
RXOVFLIE RXFULLIE RXHALFIE
RXN
EMPTYIE 0000
15:0
—
—
—
—
—
TXNFULLIF TXHALFIF TXEMPTYIF
—
—
—
—
RXOVFLIF RXFULLIF RXHALFIF
RXN
EMPTYIF 0000
B370
C1FIFOUAn
(n = 0-31)
31:16
C1FIFOUA<31:0>
0000
15:0
0000
B380
C1FIFOCIn
(n = 0-31)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
C1FIFOCI<4:0>
0000
TABLE 4-45:
CAN1 REGISTER SUMMARY FOR PIC32MX534F064H, PIC32MX564F064H, PIC32MX564F128H, PIC32MX575F256H,
PIC32MX575F512H, PIC32MX764F128H, PIC32MX775F256H, PIC32MX775F512H, PIC32MX795F512H, PIC32MX534F064L,
PIC32MX564F064L, PIC32MX564F128L, PIC32MX575F256L, PIC32MX575F512L, PIC32MX764F128L, PIC32MX775F256L,
PIC32MX775F512L AND PIC32MX795F512L DEVICES(1) (CONTINUED)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More