Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 86 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 86 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 82Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 83Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 84Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 85Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 86Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 87Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 88Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 89Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 256 page
background image
9130 ADC1BUFC
31:16
ADC Result Word C (ADC1BUFC<31:0>)
0000
15:0
0000
9140 ADC1BUFD
31:16
ADC Result Word D (ADC1BUFD<31:0>)
0000
15:0
0000
9150 ADC1BUFE
31:16
ADC Result Word E (ADC1BUFE<31:0>)
0000
15:0
0000
9160 ADC1BUFF
31:16
ADC Result Word F (ADC1BUFF<31:0>)
0000
15:0
0000
TABLE 4-16:
ADC REGISTER MAP (CONTINUED)
Register
Name
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More