Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 69 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 69 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 65Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 66Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 67Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 68Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 69Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 70Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 71Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 72Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 256 page
background image
TABLE 4-5:
INTERRUPT REGISTER MAP FOR PIC32MX534F064L, PIC32MX564F064L, PIC32MX564F128L PIC32MX575F512L AND
PIC32MX575F256L DEVICES(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
1000
INTCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
SS0
0000
15:0
—FRZ
—
MVEC
—TPC<2:0>
—
—
—
INT4EP
INT3EP
INT2EP
INT1EP
INT0EP
0000
1010 INTSTAT(3)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—SRIPL<2:0>
—
—
VEC<5:0>
0000
1020
IPTMR
31:16
IPTMR<31:0>
0000
15:0
0000
1030
IFS0
I2C1MIF
I2C1SIF
I2C1BIF
U1TXIF
U1RXIF
U1EIF
SPI1TXIF SPI1RXIF
SPI1EIF
OC5IF
IC5IF
T5IF
INT4IF
OC4IF
IC4IF
T4IF
0000
31:16
SPI3TXIF SPI3RXIF
SPI3EIF
I2C3MIF
I2C3SIF
I2C3BIF
15:0
INT3IF
OC3IF
IC3IF
T3IF
INT2IF
OC2IF
IC2IF
T2IF
INT1IF
OC1IF
IC1IF
T1IF
INT0IF
CS1IF
CS0IF
CTIF
0000
1040
IFS1
31:16
IC3EIF
IC2EIF
IC1EIF
—
—
CAN1IF
USBIF
FCEIF
DMA7IF(2) DMA6IF(2) DMA5IF(2) DMA4IF(2)
DMA3IF
DMA2IF
DMA1IF
DMA0IF
0000
RTCCIF
FSCMIF
I2C2MIF
I2C2SIF
I2C2BIF
U2TXIF
U2RXIF
U2EIF
U3TXIF
U3RXIF
U3EIF
CMP2IF
CMP1IF
PMPIF
AD1IF
CNIF
0000
15:0
SPI4TXIF SPI4RXIF
SPI4EIF
SPI2TXIF SPI2RXIF
SPI2EIF
I2C5MIF
I2C5SIF
I2C5BIF
I2C4MIF
I2C4SIF
I2C4BIF
1050
IFS2
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
U5TXIF
U5RXIF
U5EIF
U6TXIF
U6RXIF
U6EIF
U4TXIF
U4RXIF
U4EIF
PMPEIF
IC5EIF
IC4EIF
0000
1060
IEC0
I2C1MIE
I2C1SIE
I2C1BIE
U1TXIE
U1RXIE
U1EIE
SPI1TXIE SPI1RXIE
SPI1EIE
OC5IE
IC5IE
T5IE
INT4IE
OC4IE
IC4IE
T4IE
0000
31:16
SPI3TXIE SPI3RXIE
SPI3EIE
I2C3MIE
I2C3SIE
I2C3BIE
15:0
INT3IE
OC3IE
IC3IE
T3IE
INT2IE
OC2IE
IC2IE
T2IE
INT1IE
OC1IE
IC1IE
T1IE
INT0IE
CS1IE
CS0IE
CTIE
0000
1070
IEC1
31:16
IC3EIE
IC2EIE
IC1EIE
—
—
CAN1IE
USBIE
FCEIE
DMA7IE(2) DMA6IE(2) DMA5IE(2) DMA4IE(2)
DMA3IE
DMA2IE
DMA1IE
DMA0IE
0000
RTCCIE
FSCMIE
I2C2MIE
I2C2SIE
I2C2BIE
U2TXIE
U2RXIE
U2EIE
U3TXIE
U3RXIE
U3EIE
CMP2IE
CMP1IE
PMPIE
AD1IE
CNIE
0000
15:0
SPI4TXIE SPI4RXIE
SPI4EIE
SPI2TXIE SPI2RXIE
SPI2EIE
I2C5MIE
I2C5SIE
I2C5BIE
I2C4MIE
I2C4SIE
I2C4BIE
1080
IEC2
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
U5TXIE
U5RXIE
U5EIE
U6TXIE
U6RXIE
U6EIE
U4TXIE
U4RXIE
U4EIE
PMPEIE
IC5EIE
IC4EIE
0000
1090
IPC0
31:16
—
—
—
INT0IP<2:0>
INT0IS<1:0>
—
—
—
CS1IP<2:0>
CS1IS<1:0>
0000
15:0
—
—
—
CS0IP<2:0>
CS0IS<1:0>
—
—
—
CTIP<2:0>
CTIS<1:0>
0000
10A0
IPC1
31:16
—
—
—
INT1IP<2:0>
INT1IS<1:0>
—
—
—
OC1IP<2:0>
OC1IS<1:0>
0000
15:0
—
—
—
IC1IP<2:0>
IC1IS<1:0>
—
—
—
T1IP<2:0>
T1IS<1:0>
0000
10B0
IPC2
31:16
—
—
—
INT2IP<2:0>
INT2IS<1:0>
—
—
—
OC2IP<2:0>
OC2IS<1:0>
0000
15:0
—
—
—
IC2IP<2:0>
IC2IS<1:0>
—
—
—
T2IP<2:0>
T2IS<1:0>
0000
10C0
IPC3
31:16
—
—
—
INT3IP<2:0>
INT3IS<1:0>
—
—
—
OC3IP<2:0>
OC3IS<1:0>
0000
15:0
—
—
—
IC3IP<2:0>
IC3IS<1:0>
—
—
—
T3IP<2:0>
T3IS<1:0>
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Except where noted, all registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV
Registers” for more information.
2:
These bits are not available on PIC32MX534/564 devices.
3:
This register does not have associated CLR, SET, and INV registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More