| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC32MX795F512LT-80I/PF Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX795F512LT-80I/PF Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 256 page ![]() © 2009-2011 Microchip Technology Inc. DS61156G-page 19 PIC32MX5XX/6XX/7XX Pin Diagrams (Continued) 121-Pin XBGA(1) 123 4 5 6 7 8 9 10 11 A RE4 RE3 RG13 RE0 RG0 RF1 VDD VSS RD12 RD2 RD1 B NC RG15 RE2 RE1 RA7 RF0 VCAP/ VCORE RD5 RD3 VSS RC14 C RE6 VDD RG12 RG14 RA6 NC RD7 RD4 VDD RC13 RD11 D RC1 RE7 RE5 VSS VSS NC RD6 RD13 RD0 NC RD10 E RC4 RC3 RG6 RC2 VDD RG1 VSS RA15 RD8 RD9 RA14 F MCLR RG8 RG9 RG7 VSS NC NC VDD RC12 VSS RC15 G RE8 RE9 RA0 NC VDD VSS VSS NC RA5 RA3 RA4 H RB5 RB4 VSS VDD NC VDD NC VBUS VUSB RG2 RA2 J RB3 RB2 RB7 AVDD RB11 RA1 RB12 NC NC RF8 RG3 K RB1 RB0 RA10 RB8 NC RF12 RB14 VDD RD15 RF3 RF2 L RB6 RA9 AVSS RB9 RB10 RF13 RB13 RB15 RD14 RF4 RF5 PIC32MX575F256L Note 1: Refer to Table 4, Table 5 and Table 6 for full pin names. = Pins are up to 5V tolerant PIC32MX795F512L PIC32MX575F512L PIC32MX675F512L PIC32MX695F512L PIC32MX675F256L PIC32MX775F256L PIC32MX775F512L PIC32MX534F064L PIC32MX564F064L PIC32MX564F128L PIC32MX664F064L PIC32MX664F128L PIC32MX764F128L |