Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 62 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 58Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 59Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 60Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 61Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 62Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 63Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 64Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 65Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 256 page
background image
TABLE 4-1:
BUS MATRIX REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
2000
BMXCON(1)
31:16
—
—
—
—
—
BMXCHEDMA
—
—
—
—
—
BMXERRIXI BMXERRICD BMXERRDMA BMXERRDS BMXERRIS 001F
15:0
—
—
—
—
—
—
—
—
—BMXWSDRM
—
—
—
BMXARB<2:0>
0041
2010 BMXDKPBA(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BMXDKPBA<15:0>
0000
2020 BMXDUDBA(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BMXDUDBA<15:0>
0000
2030 BMXDUPBA(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BMXDUPBA<15:0>
0000
2040 BMXDRMSZ
31:16
BMXDRMSZ<31:0>
xxxx
15:0
xxxx
2050 BMXPUPBA(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
BMXPUPBA<19:16>
0000
15:0
BMXPUPBA<15:0>
0000
2060 BMXPFMSZ
31:16
BMXPFMSZ<31:0>
xxxx
15:0
xxxx
2070 BMXBOOTSZ
31:16
BMXBOOTSZ<31:0>
0000
15:0
3000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More