Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 27 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 23Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 24Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 25Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 26Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 27Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 28Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 29Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 30Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 27
PIC32MX5XX/6XX/7XX
K4
AN8/C1OUT/RB8
L3
AVSS
K5
No Connect (NC)
L4
AN9/C2OUT/RB9
K6
AC1RX/SS4/U5RX/U2CTS/RF12
L5
AN10/CVREFOUT/PMA13/RB10
K7
AN14/ERXD2/AETXD3/PMALH/PMA1/RB14
L6
AC1TX/SCK4/U5TX/U2RTS/RF13
K8
VDD
L7
AN13/ERXD1/AECOL/PMA10/RB13
K9
AETXD1/SCK3/U4TX/U1RTS/CN21/RD15
L8
AN15/ERXD3/AETXD2/OCFB/PMALL/PMA0/CN12/RB15
K10
USBID/RF3
L9
AETXD0/SS3/U4RX/U1CTS/CN20/RD14
K11
SDA3/SDI3/U1RX/RF2
L10
SDA5/SDI4/U2RX/PMA9/CN17/RF4
L1
PGEC2/AN6/OCFA/RB6
L11
SCL5/SDO4/U2TX/PMA8/CN18/RF5
L2
VREF-/CVREF-/AERXD2/PMA7/RA9
TABLE 7:
PIN NAME: PIC32MX764F128L DEVICE (CONTINUED)
Pin
Number
Full Pin Name
Pin
Number
Full Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More