Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 97 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 97 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 93Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 94Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 95Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 96Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 97Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 98Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 99Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 100Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 256 page
background image
TABLE 4-26:
PORTC REGISTER MAP FOR PIC32MX534F064H, PIC32MX564F064H, PIC32MX564F128H, PIC32MX575F256H,
PIC32MX575F512H, PIC32MX664F064H, PIC32MX664F128H, PIC32MX675F256H, PIC32MX675F512H, PIC32MX695F512H,
PIC32MX764F128H, PIC32MX775F256H, PIC32MX775F512H AND PIC32MX795F512H DEVICES(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
6080
TRISC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
TRISC15
TRISC14
TRISC13
TRISC12
—
—
—
—
—
—
—
—
—
—
—
—
F000
6090 PORTC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
RC15
RC14
RC13
RC12
—
—
—
—
—
—
—
—
—
—
—
—
xxxx
60A0
LATC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
LATC15
LATC14
LATC13
LATC12
—
—
—
—
—
—
—
—
—
—
—
—
xxxx
60B0
ODCC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ODCC15
ODCC14
ODCC13
ODCC12
—
—
—
—
—
—
—
—
—
—
—
—
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.
TABLE 4-27:
PORTC REGISTER MAP FOR PIC32MX534F064L, PIC32MX564F064L, PIC32MX564F128L, PIC32MX575F256L,
PIC32MX575F512L, PIC32MX664F064L, PIC32MX664F128L, PIC32MX675F256L, PIC32MX675F512L, PIC32MX695F512L,
PIC32MX764F128L, PIC32MX775F256L, PIC32MX775F512L AND PIC32MX795F512L DEVICES(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
6080
TRISC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
TRISC15
TRISC14
TRISC13
TRISC12
—
—
—
—
—
—
—
TRISC4
TRISC3
TRISC2
TRISC1
—
F00F
6090 PORTC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
RC15
RC14
RC13
RC12
—
—
—
—
—
—
—
RC4
RC3
RC2
RC1
—
xxxx
60A0
LATC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
LATC15
LATC14
LATC13
LATC12
—
—
—
—
—
—
—
LATC4
LATC3
LATC2
LATC1
—
xxxx
60B0
ODCC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ODCC15
ODCC14
ODCC13
ODCC12
—
—
—
—
—
—
—
ODCC4
ODCC3
ODCC2
ODCC1
—
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
2: All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More