| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC32MX795F512LT-80I/PF Fiches technique(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX795F512LT-80I/PF Fiches technique(HTML) 73 Page - Microchip Technology |
|
73 / 256 page ![]() TABLE 4-7: INTERRUPT REGISTER MAP FOR PIC32MX764F128L, PIC32MX775F256L, PIC32MX775F512L AND PIC32MX795F512L DEVICES(1) Bits 31/15 30/14 29/13 28/12 27/11 26/10 25/9 24/8 23/7 22/6 21/5 20/4 19/3 18/2 17/1 16/0 1000 INTCON 31:16 — — — — — — — — — — — — — — — SS0 0000 15:0 —FRZ — MVEC —TPC<2:0> — — — INT4EP INT3EP INT2EP INT1EP INT0EP 0000 1010 INTSTAT(3) 31:16 — — — — — — — — — — — — — — — — 0000 15:0 — — — — —SRIPL<2:0> — — VEC<5:0> 0000 1020 IPTMR 31:16 IPTMR<31:0> 0000 15:0 0000 1030 IFS0 I2C1MIF I2C1SIF I2C1BIF U1TXIF U1RXIF U1EIF SPI1TXIF SPI1RXIF SPI1EIF OC5IF IC5IF T5IF INT4IF OC4IF IC4IF T4IF 0000 31:16 SPI3TXIF SPI3RXIF SPI3EIF I2C3MIF I2C3SIF I2C3BIF 15:0 INT3IF OC3IF IC3IF T3IF INT2IF OC2IF IC2IF T2IF INT1IF OC1IF IC1IF T1IF INT0IF CS1IF CS0IF CTIF 0000 1040 IFS1 31:16 IC3EIF IC2EIF IC1EIF ETHIF CAN2IF(2) CAN1IF USBIF FCEIF DMA7IF(2) DMA6IF(2) DMA5IF(2) DMA4IF(2) DMA3IF DMA2IF DMA1IF DMA0IF 0000 RTCCIF FSCMIF I2C2MIF I2C2SIF I2C2BIF U2TXIF U2RXIF U2EIF U3TXIF U3RXIF U3EIF CMP2IF CMP1IF PMPIF AD1IF CNIF 0000 15:0 SPI4TXIF SPI4RXIF SPI4EIF SPI2TXIF SPI2RXIF SPI2EIF I2C5MIF I2C5SIF I2C5BIF I2C4MIF I2C4SIF I2C4BIF 1050 IFS2 31:16 — — — — — — — — — — — — — — — — 0000 15:0 — — — — U5TXIF U5RXIF U5EIF U6TXIF U6RXIF U6EIF U4TXIF U4RXIF U4EIF PMPEIF IC5EIF IC4EIF 0000 1060 IEC0 I2C1MIE I2C1SIE I2C1BIE U1TXIE U1RXIE U1EIE SPI1TXIE SPI1RXIE SPI1EIE OC5IE IC5IE T5IE INT4IE OC4IE IC4IE T4IE 0000 31:16 SPI3TXIE SPI3RXIE SPI3EIE I2C3MIE I2C3SIE I2C3BIE 15:0 INT3IE OC3IE IC3IE T3IE INT2IE OC2IE IC2IE T2IE INT1IE OC1IE IC1IE T1IE INT0IE CS1IE CS0IE CTIE 0000 1070 IEC1 31:16 IC3EIE IC2EIE IC1EIE ETHIE CAN2IE(2) CAN1IE USBIE FCEIE DMA7IE(2) DMA6IE(2) DMA5IE(2) DMA4IE(2) DMA3IE DMA2IE DMA1IE DMA0IE 0000 RTCCIE FSCMIE I2C2MIE I2C2SIE I2C2BIE U2TXIE U2RXIE U2EIE U3TXIE U3RXIE U3EIE CMP2IE CMP1IE PMPIE AD1IE CNIE 0000 15:0 SPI4TXIE SPI4RXIE SPI4EIE SPI2TXIE SPI2RXIE SPI2EIE I2C5MIE I2C5SIE I2C5BIE I2C4MIE I2C4SIE I2C4BIE 1080 IEC2 31:16 — — — — — — — — — — — — — — — — 0000 15:0 — — — — U5TXIE U5RXIE U5EIE U6TXIE U6RXIE U6EIE U4TXIE U4RXIE U4EIE PMPEIE IC5EIE IC4EIE 0000 1090 IPC0 31:16 — — — INT0IP<2:0> INT0IS<1:0> — — — CS1IP<2:0> CS1IS<1:0> 0000 15:0 — — — CS0IP<2:0> CS0IS<1:0> — — — CTIP<2:0> CTIS<1:0> 0000 10A0 IPC1 31:16 — — — INT1IP<2:0> INT1IS<1:0> — — — OC1IP<2:0> OC1IS<1:0> 0000 15:0 — — — IC1IP<2:0> IC1IS<1:0> — — — T1IP<2:0> T1IS<1:0> 0000 10B0 IPC2 31:16 — — — INT2IP<2:0> INT2IS<1:0> — — — OC2IP<2:0> OC2IS<1:0> 0000 15:0 — — — IC2IP<2:0> IC2IS<1:0> — — — T2IP<2:0> T2IS<1:0> 0000 10C0 IPC3 31:16 — — — INT3IP<2:0> INT3IS<1:0> — — — OC3IP<2:0> OC3IS<1:0> 0000 15:0 — — — IC3IP<2:0> IC3IS<1:0> — — — T3IP<2:0> T3IS<1:0> 0000 Legend: x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Except where noted, all registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information. 2: This bit is unimplemented on PIC32MX764F128L device. 3: This register does not have associated CLR, SET, and INV registers. |