| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC32MX795F512LT-80I/PF Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX795F512LT-80I/PF Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 256 page ![]() PIC32MX5XX/6XX/7XX DS61156G-page 6 © 2009-2011 Microchip Technology Inc. TABLE 3: PIC32 USB, ETHERNET AND CAN – FEATURES USB, Ethernet and CAN PIC32MX764F128H 64 128 + 12(1) 32 1 1 1 5/5/5 4/6 6 3 4 16 2 Yes Yes No PT, MR PIC32MX775F256H 64 256 + 12(1) 64 1 1 2 5/5/5 8/8 6 3 4 16 2 Yes Yes No PT, MR PIC32MX775F512H 64 512 + 12(1) 64 1 1 2 5/5/5 8/8 6 3 4 16 2 Yes Yes No PT, MR PIC32MX795F512H 64 512 + 12(1) 128 1 1 2 5/5/5 8/8 6 3 4 16 2 Yes Yes No PT, MR PIC32MX764F128L 100 128 + 12(1) 32 1 1 1 5/5/5 4/6 6 4 5 16 2 Yes Yes Yes PT, PF, BG PIC32MX775F256L 100 256 + 12(1) 64 1 1 2 5/5/5 8/8 6 4 5 16 2 Yes Yes Yes PT, PF, BG PIC32MX775F512L 100 512 + 12(1) 64 1 1 2 5/5/5 8/8 6 4 5 16 2 Yes Yes Yes PT, PF, BG PIC32MX795F512L 100 512 + 12(1) 128 1 1 2 5/5/5 8/8 6 4 5 16 2 Yes Yes Yes PT, PF, BG Legend: PF, PT = TQFP MR = QFN BG = XBGA Note 1: This device features 12 KB boot Flash memory. 2: CTS and RTS pins may not be available for all UART modules. Refer to the “Pin Diagrams” section for more information. 3: Some pins between the UART, SPI and I2C modules may be shared. Refer to the “Pin Diagrams” section for more information. 4: Refer to Section 32.0 “Packaging Information” for more information. |