Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 85 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 85 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 81Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 82Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 83Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 84Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 85Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 86Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 87Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 88Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 256 page
background image
TABLE 4-16:
ADC REGISTER MAP
Register
Name
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
9000 AD1CON1(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
—
—
FORM<2:0>
SSRC<2:0>
CLRASAM
—
ASAM
SAMP
DONE
0000
9010 AD1CON2(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
VCFG2
VCFG1
VCFG0
OFFCAL
—CSCNA
—
—BUFS
—
SMPI<3:0>
BUFM
ALTS
0000
9020 AD1CON3(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ADRC
—
—
SAMC<4:0>
ADCS<7:0>
0000
9040 AD1CHS(1)
31:16
CH0NB
—
—
—
CH0SB<3:0>
CH0NA
—
—
—
CH0SA<3:0>
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
9060 AD1PCFG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
PCFG15
PCFG14
PCFG13
PCFG12
PCFG11
PCFG10
PCFG9
PCFG8
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
9050 AD1CSSL(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
CSSL15
CSSL14
CSSL13
CSSL12
CSSL11
CSSL10
CSSL9
CSSL8
CSSL7
CSSL6
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
0000
9070 ADC1BUF0
31:16
ADC Result Word 0 (ADC1BUF0<31:0>)
0000
15:0
0000
9080 ADC1BUF1
31:16
ADC Result Word 1 (ADC1BUF1<31:0>)
0000
15:0
0000
9090 ADC1BUF2
31:16
ADC Result Word 2 (ADC1BUF2<31:0>)
0000
15:0
0000
90A0 ADC1BUF3
31:16
ADC Result Word 3 (ADC1BUF3<31:0>)
0000
15:0
0000
90B0 ADC1BUF4
31:16
ADC Result Word 4 (ADC1BUF4<31:0>)
0000
15:0
0000
90C0 ADC1BUF5
31:16
ADC Result Word 5 (ADC1BUF5<31:0>)
0000
15:0
0000
90D0 ADC1BUF6
31:16
ADC Result Word 6 (ADC1BUF6<31:0>)
0000
15:0
0000
90E0 ADC1BUF7
31:16
ADC Result Word 7 (ADC1BUF7<31:0>)
0000
15:0
0000
90F0 ADC1BUF8
31:16
ADC Result Word 8 (ADC1BUF8<31:0>)
0000
15:0
0000
9100 ADC1BUF9
31:16
ADC Result Word 9 (ADC1BUF9<31:0>)
0000
15:0
0000
9110 ADC1BUFA
31:16
ADC Result Word A (ADC1BUFA<31:0>)
0000
15:0
0000
9120 ADC1BUFB
31:16
ADC Result Word B (ADC1BUFB<31:0>)
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More