Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX795F512LT-80I/PF Fiches technique(PDF) 103 Page - Microchip Technology

No de pièce PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Fiches technique(HTML) 103 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 99Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 100Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 101Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 102Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 103Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 104Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 105Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 106Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 256 page
background image
TABLE 4-38:
PARALLEL MASTER PORT REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
7000
PMCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
ADRMUX<1:0>
PMPTTL
PTWREN
PTRDEN
CSF<1:0>
ALP
CS2P
CS1P
—
WRSP
RDSP
0000
7010 PMMODE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BUSY
IRQM<1:0>
INCM<1:0>
MODE16
MODE<1:0>
WAITB<1:0>
WAITM<3:0>
WAITE<1:0>
0000
7020 PMADDR
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0 CS2EN/A15 CS1EN/A14
ADDR<13:0>
0000
7030 PMDOUT
31:16
DATAOUT<31:0>
0000
15:0
0000
7040
PMDIN
31:16
DATAIN<31:0>
0000
15:0
0000
7050
PMAEN
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
PTEN<15:0>
0000
7060
PMSTAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
008F
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.
TABLE 4-39:
PROGRAMMING AND DIAGNOSTICS REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
F200 DDPCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—JTAGEN
TROEN
—TDOEN
0008
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More