| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 499 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 499 Page - Renesas Technology Corp |
|
499 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 447 of 1102 REJ09B0294-0100 (3) P25/PO5/TIOCA4/TMCI1/RxD1 The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P25DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCA4_OE PO5_OE P25DDR TPU TIOCA4 output 1 PPG PO5 output 0 1 P25 output 0 0 1 I/O port P25 input (initial setting) 0 0 0 (4) P24/PO4/TIOCA4/TIOCB4/TMRI1/SCK1 The pin function is switched as shown below according to the combination of the TPU, SCI, and PPG register settings and P24DDR bit setting. Setting TPU SCI PPG I/O Port Module Name Pin Function TIOCB4_OE SCK1_OE PO4_OE P24DDR TPU TIOCB4 output 1 SCI SCK1 output 0 1 PPG PO4 output 0 0 1 P24 output 0 0 0 1 I/O port P24 input (initial setting) 0 0 0 0 |