| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 501 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 501 Page - Renesas Technology Corp |
|
501 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 449 of 1102 REJ09B0294-0100 (7) P21/PO1/TIOCA3/TMCI0/RxD0/ IRQ9-A The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P21DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCA3_OE PO1_OE P21DDR TPU TIOCA3 output 1 PPG PO1 output 0 1 P21 output 0 0 1 I/O port P21 input (initial setting) 0 0 0 (8) P20/PO0/TIOCA3/TIOCB3/TMRI0/SCK0/ IRQ8-A The pin function is switched as shown below according to the combination of the TPU, SCI, and PPG register settings and P20DDR bit setting. Setting TPU SCI PPG I/O Port Module Name Pin Function TIOCB3_OE SCK0_OE PO0_OE P20DDR TPU TIOCB3 output 1 SCI SCK0 output 0 1 PPG PO0 output 0 0 1 P20 output 0 0 0 1 I/O port P20 input (initial setting) 0 0 0 0 |