| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 90 Page - Renesas Technology Corp |
|
90 / 1158 page ![]() Section 2 CPU Rev.1.00 Jun. 07, 2006 Page 38 of 1102 REJ09B0294-0100 2.7 Instruction Set The H8SX CPU has 87 types of instructions. The instructions are classified by function as shown in table 2.1. The arithmetic operation, logic operation, shift, and bit manipulation instructions are called operation instruction in this manual. Table 2.1 Instruction Classification Function Instructions Size Types Data transfer MOV B/W/L 6 MOVFPE* 6, MOVTPE*6 B POP, PUSH* 1 W/L LDM, STM L MOVA B/W* 2 Block transfer EEPMOV B 3 MOVMD B/W/L MOVSD B Arithmetic operations ADD, ADDX, SUB, SUBX, CMP, NEG, INC, DEC B/W/L 27 DAA, DAS B ADDS, SUBS L MULXU, DIVXU, MULXS, DIVXS B/W MULU, DIVU, MULS, DIVS W/L MULU/U, MULS/U L EXTU, EXTS W/L TAS B MAC — LDMAC, STMAC — CLRMAC — Logic operations AND, OR, XOR, NOT B/W/L 4 Shift SHLL, SHLR, SHAL, SHAR, ROTL, ROTR, ROTXL, ROTXR B/W/L 8 Bit manipulation BSET, BCLR, BNOT, BTST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR, BLD, BILD, BST, BIST B 20 BSET/EQ, BSET/NE, BCLR/EQ, BCLR/NE, BSTZ, BISTZ B BFLD, BFST B |