| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 50 Page - Renesas Technology Corp |
|
50 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page l of lii Table 17.2 Transfer Rate ........................................................................................................ 822 Table 17.3 Interrupt Requests ................................................................................................. 847 Table 17.4 Time for Monitoring SCL..................................................................................... 848 Section 18 A/D Converter Table 18.1 Pin Configuration.................................................................................................. 851 Table 18.2 Analog Input Channels and Corresponding ADDR Registers .............................. 852 Table 18.3 A/D Conversion Characteristics (Single Mode) ................................................... 860 Table 18.4 A/D Conversion Characteristics (Scan Mode)...................................................... 860 Table 18.5 A/D Converter Interrupt Source............................................................................ 861 Table 18.6 Analog Pin Specifications..................................................................................... 865 Section 19 D/A Converter Table 19.1 Pin Configuration.................................................................................................. 868 Table 19.2 Control of D/A Conversion................................................................................... 870 Section 21 Flash Memory (0.18- µm F-ZTAT Version) Table 21.1 Differences between Boot Mode, User Program Mode, and Programmer Mode ......................................................................................... 878 Table 21.2 Pin Configuration.................................................................................................. 883 Table 21.3 Registers/Parameters and Target Modes............................................................... 885 Table 21.4 Parameters and Target Modes............................................................................... 891 Table 21.5 On-Board Programming Mode Setting ................................................................. 903 Table 21.6 System Clock Frequency for Automatic-Bit-Rate Adjustment............................. 904 Table 21.7 Enumeration Information...................................................................................... 908 Table 21.8 Executable Memory MAT .................................................................................... 922 Table 21.9 Usable Area for Programming in User Program Mode......................................... 922 Table 21.10 Usable Area for Erasure in User Program Mode .............................................. 923 Table 21.11 Hardware Protection ......................................................................................... 924 Table 21.12 Software Protection........................................................................................... 925 Table 21.13 Device Types Supported in Programmer Mode................................................ 930 Table 21.14 Inquiry and Selection Commands ..................................................................... 934 Table 21.15 Programming/Erasing Commands .................................................................... 946 Table 21.16 Status Code ....................................................................................................... 953 Table 21.17 Error Code ........................................................................................................ 954 Section 22 Clock Pulse Generator Table 22.1 Selection of Clock Pulse Generator ...................................................................... 958 Table 22.2 Damping Resistance Value ................................................................................... 963 Table 22.3 Crystal Resonator Characteristics ......................................................................... 964 Section 23 Power-Down Modes Table 23.1 Operating States.................................................................................................... 972 |