Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663 Fiches technique(PDF) 97 Page - Renesas Technology Corp

No de pièce H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Fiches technique(HTML) 97 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 93Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 94Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 95Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 96Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 97Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 98Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 99Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 100Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 45 of 1102
REJ09B0294-0100
Table 2.4
Data Transfer Instructions
Instruction
Size
Function
MOV
B/W/L
#IMM
→ (EAd), (EAs) → (EAd)
Transfers data between immediate data, general registers, and memory.
MOVFPE*
B
(EAs)
→ Rd
MOVTPE*
B
Rs
→ (EAs)
POP
W/L
@SP
+ → Rn
Restores the data from the stack to a general register.
PUSH
W/L
Rn
→ @−SP
Saves general register contents on the stack.
LDM
L
@SP
+ → Rn (register list)
Restores the data from the stack to multiple general registers. Two, three,
or four general registers which have serial register numbers can be
specified.
STM
L
Rn (register list)
→ @−SP
Saves the contents of multiple general registers on the stack. Two, three,
or four general registers which have serial register numbers can be
specified.
MOVA
B/W
EA
→ Rd
Zero-extends and shifts the contents of a specified general register or
memory data and adds them with a displacement. The result is stored in a
general register.
Note:
Not available in this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More