| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 495 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 495 Page - Renesas Technology Corp |
|
495 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 443 of 1102 REJ09B0294-0100 (3) P15/RxD5/IrRXD/ TEND1-A/IRQ5-A/TCLKB-B/SCL1 The pin function is switched as shown below according to the combination of the DMAC and IIC2 register setting and P15DDR bit setting. Setting DMAC IIC2 I/O Port Module Name Pin Function TEND1A_OE* SCL1_OE* P15DDR DMAC TEND1-A output 1 — IIC2 SCL1 input/output 0 1 I/O port P15 output 0 0 1 P15 input (initial setting) 0 0 0 Note: * When pin functions as I/O: 1 (4) P14/TxD5/IrTXD/ DREQ1-A/IRQ4-A/TCLKA-B/SDA1 The pin function is switched as shown below according to the combination of the SCI, IrDA, and IIC2 register setting and P14DDR bit setting. Setting SCI IrDA IIC2 I/O Port Module Name Pin Function TxD5_OE IrTXD_OE SDA1_OE* P14DDR SCI TxD5 output 1 — — — IrDA IrTXD output 0 1 — — IIC2 SDA1 input/output 0 0 1 — I/O port P14 output 0 0 0 1 P14 input (initial setting) 0 0 0 0 Note: * When pin functions as I/O: 1 |