| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 37 Page - Renesas Technology Corp |
|
37 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xxxvii of x lii Figure 12.4 Block Diagram of 8-Bit Timer Module (Unit 3) ..................................................... 609 Figure 12.5 Example of Pulse Output......................................................................................... 624 Figure 12.6 Example of Reset Input ...........................................................................................624 Figure 12.7 Count Timing for Internal Clock Input.................................................................... 625 Figure 12.8 Count Timing for External Clock Input .................................................................. 625 Figure 12.9 Timing of CMF Setting at Compare Match............................................................. 626 Figure 12.10 Timing of Toggled Timer Output at Compare Match A ....................................... 626 Figure 12.11 Timing of Counter Clear by Compare Match........................................................ 627 Figure 12.12 Timing of Clearance by External Reset (Rising Edge).......................................... 627 Figure 12.13 Timing of Clearance by External Reset (High Level) ........................................... 627 Figure 12.14 Timing of OVF Setting.......................................................................................... 628 Figure 12.15 Conflict between TCNT Write and Clear.............................................................. 631 Figure 12.16 Conflict between TCNT Write and Increment ...................................................... 632 Figure 12.17 Conflict between TCOR Write and Compare Match............................................. 632 Section 13 32K Timer (TM32K) Figure 13.1 Block Diagram of TM32K ...................................................................................... 637 Figure 13.2 32K Timer Operation ..............................................................................................639 Section 14 Watchdog Timer (WDT) Figure 14.1 Block Diagram of WDT .......................................................................................... 642 Figure 14.2 Operation in Watchdog Timer Mode....................................................................... 647 Figure 14.3 Operation in Interval Timer Mode........................................................................... 648 Figure 14.4 Writing to TCNT, TCSR, and RSTCSR.................................................................. 649 Figure 14.5 Conflict between TCNT Write and Increment ........................................................ 650 Figure 14.6 Circuit for System Reset by WDTOVF Signal (Example)......................................651 Section 15 Serial Communication Interface (SCI, IrDA, CRC) Figure 15.1 Block Diagram of SCI_0, 1, 2, and 4 ...................................................................... 656 Figure 15.2 Block Diagram of SCI_5 and SCI_6 ....................................................................... 657 Figure 15.3 Examples of Base Clock when Average Transfer Rate Is Selected (1) ................... 693 Figure 15.3 Examples of Base Clock when Average Transfer Rate Is Selected (2) ................... 694 Figure 15.3 Examples of Base Clock when Average Transfer Rate Is Selected (3) ................... 695 Figure 15.4 Example of Average Transfer Rate Setting when TMR Clock Is Input .................. 696 Figure 15.5 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits) ................................................. 698 Figure 15.6 Receive Data Sampling Timing in Asynchronous Mode ........................................ 700 Figure 15.7 Phase Relation between Output Clock and Transmit Data (Asynchronous Mode) ............................................................................................ 701 Figure 15.8 Sample SCI Initialization Flowchart ....................................................................... 702 Figure 15.9 Example of Operation for Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit).................................................... 703 |