| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xlvi of lii Section 5 Interrupt Controller Table 5.1 Pin Configuration.................................................................................................... 95 Table 5.2 Interrupt Sources, Vector Address Offsets, and Interrupt Priority........................ 111 Table 5.3 Interrupt Control Modes ....................................................................................... 116 Table 5.4 Interrupt Response Times ..................................................................................... 121 Table 5.5 Number of Execution States in Interrupt Handling Routine ................................. 122 Table 5.6 Interrupt Source Selection and Clear Control ....................................................... 124 Table 5.7 CPU Priority Control ............................................................................................ 126 Table 5.8 Example of Priority Control Function Setting and Control State ......................... 127 Section 6 Bus Controller (BSC) Table 6.1 Synchronization Clocks and Their Corresponding Functions............................... 169 Table 6.2 Pin Configuration.................................................................................................. 173 Table 6.3 Pin Functions in Each Interface ............................................................................ 176 Table 6.4 Interface Names and Area Names......................................................................... 179 Table 6.5 Areas Specifiable for Each Interface .................................................................... 180 Table 6.6 Number of Access Cycles..................................................................................... 183 Table 6.7 Area 0 External Interface...................................................................................... 184 Table 6.8 Area 1 External Interface...................................................................................... 185 Table 6.9 Area 2 External Interface...................................................................................... 185 Table 6.10 Area 3 External Interface...................................................................................... 186 Table 6.11 Area 4 External Interface...................................................................................... 186 Table 6.12 Area 5 External Interface...................................................................................... 187 Table 6.13 Area 6 External Interface...................................................................................... 188 Table 6.14 Area 7 External Interface...................................................................................... 188 Table 6.15 I/O Pins for Basic Bus Interface ........................................................................... 192 Table 6.16 I/O Pins for Byte Control SRAM Interface .......................................................... 206 Table 6.17 I/O Pins Used for Burst ROM Interface................................................................ 214 Table 6.18 Address/Data Multiplex........................................................................................ 218 Table 6.19 I/O Pins for Address/Data Multiplexed I/O Interface ........................................... 219 Table 6.20 Relationship Among DRAME and DTYPE and Area 2 Interfaces ...................... 228 Table 6.21 Relationship Among MXC1 and MXC0 and Shifted Bit Count........................... 228 Table 6.22 I/O Pins for DRAM Interface ............................................................................... 229 Table 6.23 Pin States during DRAM Refresh Cycle............................................................... 248 Table 6.24 Relationship among DRAME and DTYPE and Area 2 Interfaces ....................... 254 Table 6.25 Relationship Among MXC1 and MXC0 and Shifted Bit Count........................... 255 Table 6.26 I/O Pins for SDRAM Interface ............................................................................. 256 Table 6.27 CAS Latency Setting ............................................................................................ 259 Table 6.28 Number of Idle Cycle Insertion Selection in Each Area....................................... 292 Table 6.29 Number of Idle Cycles Inserted ............................................................................ 292 Table 6.30 Idle Cycles in Mixed Accesses to Normal Space and DRAM/SDRAM Space .... 302 |