| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 496 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 496 Page - Renesas Technology Corp |
|
496 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 444 of 1102 REJ09B0294-0100 (5) P13/ADTRG0/IRQ3-A The pin function is switched as shown below according to the P13DDR bit setting. Setting I/O Port Module Name Pin Function P13DDR I/O port P13 output 1 P13 input (initial setting) 0 (6) P12/SCK2/ DACK0-A/IRQ2-A The pin function is switched as shown below according to the combination of the DMAC and SCI register settings and P12DDR bit setting. Setting DMAC SCI I/O Port Module Name Pin Function DACK0A_OE SCK2_OE P12DDR DMAC DACK0-A output 1 SCI SCK2 output 0 1 I/O port P12 output 0 0 1 P12 input (initial setting) 0 0 0 |