| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 25 Page - Renesas Technology Corp |
|
25 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xxv of lii 18.3 Register Descriptions ......................................................................................................... 851 18.3.1 A/D Data Registers A to H (ADDRA to ADDRH) .............................................. 852 18.3.2 A/D Control/Status Register (ADCSR) ................................................................ 853 18.3.3 A/D Control Register (ADCR) ............................................................................. 855 18.4 Operation ........................................................................................................................... 856 18.4.1 Single Mode.......................................................................................................... 856 18.4.2 Scan Mode ............................................................................................................ 857 18.4.3 Input Sampling and A/D Conversion Time .......................................................... 859 18.4.4 External Trigger Input Timing.............................................................................. 860 18.5 Interrupt Source ................................................................................................................. 861 18.6 A/D Conversion Accuracy Definitions .............................................................................. 861 18.7 Usage Notes ....................................................................................................................... 863 18.7.1 Module Stop State Setting .................................................................................... 863 18.7.2 Permissible Signal Source Impedance .................................................................. 863 18.7.3 Influences on Absolute Accuracy ......................................................................... 863 18.7.4 Setting Range of Analog Power Supply and Other Pins ....................................... 864 18.7.5 Notes on Board Design ......................................................................................... 864 18.7.6 Notes on Noise Countermeasures ......................................................................... 864 18.7.7 A/D Input Hold Function in Software Standby Mode .......................................... 865 Section 19 D/A Converter..................................................................................867 19.1 Features .............................................................................................................................. 867 19.2 Input/Output Pins ............................................................................................................... 868 19.3 Register Descriptions ......................................................................................................... 868 19.3.1 D/A Data Registers 0 and 1 (DADR0 and DADR1)............................................. 868 19.3.2 D/A Control Register 01 (DACR01) .................................................................... 869 19.4 Operation ........................................................................................................................... 871 19.5 Usage Notes ....................................................................................................................... 872 19.5.1 Module Stop State Setting .................................................................................... 872 19.5.2 D/A Output Hold Function in Software Standby Mode........................................ 872 Section 20 RAM ................................................................................................873 Section 21 Flash Memory (0.18- µm F-ZTAT Version) ....................................875 21.1 Features .............................................................................................................................. 875 21.2 Mode Transition Diagram.................................................................................................. 877 21.3 Block Structure .................................................................................................................. 879 21.3.1 Block Diagram of H8SX/1663.............................................................................. 879 21.3.2 Block Diagram of H8SX/1664.............................................................................. 880 21.4 Programming/Erasing Interface ......................................................................................... 881 |