| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 502 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 502 Page - Renesas Technology Corp |
|
502 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 450 of 1102 REJ09B0294-0100 9.2.3 Port 3 (1) P37/PO15/TIOCA2/TIOCB2/TCLKD-A The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P37DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCB2_OE PO15_OE P37DDR TPU TIOCB2 output 1 — — PPG PO15 output 0 1 — P37 output 0 0 1 I/O port P37 input (initial setting) 0 0 0 (2) P36/PO14/TIOCA2 The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P36DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCA2_OE PO14_OE P36DDR TPU TIOCA2 output 1 — — PPG PO14 output 0 1 — P36 output 0 0 1 I/O port P36 input (initial setting) 0 0 0 |