| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 67 Page - Renesas Technology Corp |
|
67 / 1158 page ![]() Section 1 Overview Rev.1.00 Jun. 07, 2006 Page 15 of 1102 REJ09B0294-0100 Classification Abbreviation Pin No. (FP-144LV) I/O Description 8-bit timer (TMR) TMO0 TMO1 TMO2 TMO3 52 59 109 114 Output Output pins for the compare match signals. TMCI0 TMCI1 TMCI2 TMCI3 51 55 108 113 Input Input pins for the external clock signals used for the counters. TMRI0 TMRI1 TMRI2 TMRI3 49 54 107 111 Input Input pins for the counter reset signals. Watchdog timer (WDT) WDTOVF 95 Output Output pin for the counter overflow signal in watchdog timer mode. Serial communication interface (SCI) TxD0 TxD1 TxD2 TxD4 TxD5 TxD6 52 59 84 107 93 8 Output Output pins for transmit data. RxD0 RxD1 RxD2 RxD4 RxD5 RxD6 51 55 85 108 94 9 Input Input pins for receive data. SCK0 SCK1 SCK2 SCK4 49 54 86 109 Input/ output Input/output pins for clock signals. IrTxD 93 Output Output pin that outputs decoded data for IrDA SCI with IrDA (SCI) IrRxD 94 Input Input pin that inputs decoded data for IrDA |