Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5464 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Fiches technique(HTML) 5 Page - STMicroelectronics

  STLC5464 Datasheet HTML 1Page - STMicroelectronics STLC5464 Datasheet HTML 2Page - STMicroelectronics STLC5464 Datasheet HTML 3Page - STMicroelectronics STLC5464 Datasheet HTML 4Page - STMicroelectronics STLC5464 Datasheet HTML 5Page - STMicroelectronics STLC5464 Datasheet HTML 6Page - STMicroelectronics STLC5464 Datasheet HTML 7Page - STMicroelectronics STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
IX
EXTERNAL REGISTERS . .... . . . ... ..... ... . . .... . . .. . . .... . . .. . . .... . .
75
IX.1
NITIALIZATION BLOCK IN EXTERNAL MEMORY . . . . . . . . . ..... .... . . ... .. . . .
75
IX.2
RECEIVE DESCRIPTOR . . . . . . . . . . . . . . . . . . . . . . . .... ..... ..... . . . . .. ... . .
76
IX.2.1
Bits written by the Microprocessor only . . . . .... ...... .... . . ... .. . . . . ..... ...
76
IX.2.2
Bits written by the Rx DMAC only . .... . . . ... . . .. . . .. . . .... . . .. . . .... . . .. . .
76
IX.2.3
Receive Buffer . .... . . . ... ..... ...... .. . . ... . . .... . . .. . . .... . . ... .. . . ..
76
IX.3
TRANSMIT DESCRIPTOR . . . . ...... ... . . . . . . . ... .. . . . . ..... ..... ..... ..
77
IX.3.1
Bits written by the Microprocessor only . . . . .... ...... .... . . ... .. . . . . ..... ...
77
IX.3.2
Bits written by the Rx DMAC only . .... . . . ... . . .. . . .. . . .... . . .. . . .... . . .. . .
78
IX.3.3
Transmit Buffer . .... . . . ... ..... ...... .. . . ... . . .... . . .. . . .... . . ... .. . . ..
78
IX.4
RECEIVE & TRANSMIT HDLC FRAME INTERRUPT . . . . . . .... ..... . . .. . . .... .
78
IX.5
RECEIVE COMMAND / INDICATE INTERRUPT . . . . . . .... ..... . . .. . . .... . . ..
79
IX.5.1
Receive Command / Indicate Interrupt when TSV = 0 . . . . . . .... ..... . . .. . . .... .
79
IX.5.2
Receive Command / Indicate Interrupt when TSV = 1 . . . . . . .... ..... . . .. . . .... .
80
IX.6
RECEIVE MONITOR INTERRUPT . . . . ...... . . .. .... . . ... .. . . . . ..... ..... .
80
IX.6.1
Receive Monitor Interrupt when TSV = 0 . . . . . . . .... . . ... . . ... . . .... ..... ....
80
IX.6.2
Receive Monitor Interrupt when TSV = 1 . . . . . . . .... . . ... . . ... . . .... ..... ....
81
X
PACKAGE MECHANICAL DATA . .... . . . ... . . .. . . .. . . .... . . .. . . .... . . .. . .
82
CONTENTS (continued)
Page
STLC5464
5/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83