| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5464 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5464 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 83 page ![]() III - FUNCTIONAL DESCRIPTION (continued) µPST9 IINTE L MOTOROLA 8/16 BITS MULTI-HDLC Inte rna l Bus BUS ARBITRATION µP INTER FACE Multiplex Addre s s /Da ta Bus Addre s s Bus Da ta Bus RAM INTER FACE STATIC or DYNAMIC RAM (orga nize d by 16 bits ) Figure 12 : Multi-HDLC connected to µP with multiplexed buses MULTI-HDLC Internal Bus BUS ARBITRATION Address Bus Data Bus RAM INTERFACE STATIC or DYNAMIC RAM (organized by 16 bits) µP IINTEL MOTOROLA 8/16 BITS µP INTERFACE Address Bus Data Bus Figure 13 : Multi-HDLC connected to µP with non-multiplexed buses INT0/1 WDO NRES ET CS 0/1 ARDY NWR NR D ALE A8/19 AD0/7 INTEL 80C188 µP INTERF ACE Figure 14 : Microprocessor Interface for INTEL 80C188 INT0/1 WDO NRES ET CS 0/1 ARDY NWR NR D ALE A16/19 AD0/15 INTEL 80C186 µP INTERF ACE NBHE Figure 15 : Microprocessor Interface for INTEL 80C186 STLC5464 29/83 |