| Moteur de recherche de fiches techniques de composants électroniques |
|
DP80390 Fiches technique(PDF) 80 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80390 Fiches technique(HTML) 80 Page - Digital Core Design |
|
80 / 84 page ![]() DP80390 Instructions set details - 80 - All trademarks mentioned in this document http://www.DigitalCoreDesign.com are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved. 3.42. XCH Instruction: XCH A, <byte> Function: Exchange accumulator with byte variable Description: XCH loads the accumulator with the contents of the indicated variable, at the same time writing the original accumulator contents to the indicated variable. The source/destination operand can use register, direct, or register-indirect addressing. 3.42.1. XCH A, RN Operation: (PC) ← (PC) + 1 (A) ↔ (Rn) Bytes: 1 Cycles: 2 Encoding: 1 1 0 0 1 r r r 3.42.2. XCH A, DIRECT Operation: (PC) ← (PC) + 2 (A) ↔ (direct) Bytes: 2 Cycles: 3 Encoding: 1 1 0 0 0 1 0 1 direct address 3.42.3. XCH A, @RI Operation: (PC) ← (PC) + 1 (A) ↔ ((Ri)) Bytes: 1 Cycles: 3 Encoding: 1 1 0 0 0 1 1 i |