| Moteur de recherche de fiches techniques de composants électroniques |
|
DP80390 Fiches technique(PDF) 60 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80390 Fiches technique(HTML) 60 Page - Digital Core Design |
|
60 / 84 page ![]() DP80390 Instructions set details - 60 - All trademarks mentioned in this document http://www.DigitalCoreDesign.com are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved. 3.26.3. MOVX @RI, A Operation: (PC) ← (PC) + 1 ((Ri)) ← (A) Bytes: 1 Cycles: 4* – if MOVX CODE is executed from on-chip ROM or on-chip RAM, and destination data are placed inside off-chip XRAM 5* – for all other cases as follow: CODE inside off-chip XPRG, destination inside off-chip XRAM CODE inside off-chip XPRG, destination inside off-chip XPRG CODE inside off-chip XPRG, destination inside on-chip PRG RAM CODE inside on-chip ROM, destination inside off-chip XPRG CODE inside on-chip ROM, destination inside on-chip PRG RAM CODE inside on-chip RAM, destination inside off-chip XPRG CODE inside on-chip RAM, destination inside on-chip PRG RAM Encoding: 1 1 1 1 0 0 1 i 3.26.4. MOVX @DPTR, A Operation: (PC) ← (PC) + 1 ((DPTR)) ← (A) Bytes: 1 Cycles: 3* – if MOVX CODE is executed from on-chip ROM or on-chip RAM, and destination data are placed inside off-chip XRAM 4* – for all other cases as listed above Encoding: 1 1 1 1 0 0 0 0 * MOVX cycles depends on READY pin. Shown values with 0 Wait-States. |