Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP80390 Fiches technique(PDF) 36 Page - Digital Core Design

No de pièce DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCD [Digital Core Design]
Site Internet  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Fiches technique(HTML) 36 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 32Page - Digital Core Design DP80390 Datasheet HTML 33Page - Digital Core Design DP80390 Datasheet HTML 34Page - Digital Core Design DP80390 Datasheet HTML 35Page - Digital Core Design DP80390 Datasheet HTML 36Page - Digital Core Design DP80390 Datasheet HTML 37Page - Digital Core Design DP80390 Datasheet HTML 38Page - Digital Core Design DP80390 Datasheet HTML 39Page - Digital Core Design DP80390 Datasheet HTML 40Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
DP80390 Instructions set details
- 36 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.11.
DIV
Instruction:
DIV AB
Function:
Divide
Description:
DIV AB divides the unsigned eight-bit integer in the accumulator by the
unsigned eight-bit integer in register B. The accumulator receives the
integer part of the quotient; register B receives the integer remainder.
The carry and OV flags will be cleared.
Exception:
If B had originally contained 00 H, the values returned in the
accumulator and B register will be undefined and the overflow flag will
be set. The carry flag is cleared in any case.
Operation:
(PC)
← (PC) + 1
(A15-8)
← (A) / (B) – result’s bits 15..8
(B7-0)
← (A) / (B) – result’s bits 7..0
Bytes:
1
Cycles:
6
Encoding:
1
0
0
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84