Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP80390 Fiches technique(PDF) 44 Page - Digital Core Design

No de pièce DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCD [Digital Core Design]
Site Internet  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Fiches technique(HTML) 44 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 40Page - Digital Core Design DP80390 Datasheet HTML 41Page - Digital Core Design DP80390 Datasheet HTML 42Page - Digital Core Design DP80390 Datasheet HTML 43Page - Digital Core Design DP80390 Datasheet HTML 44Page - Digital Core Design DP80390 Datasheet HTML 45Page - Digital Core Design DP80390 Datasheet HTML 46Page - Digital Core Design DP80390 Datasheet HTML 47Page - Digital Core Design DP80390 Datasheet HTML 48Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
DP80390 Instructions set details
- 44 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.17.
JMP*
Instruction:
JMP @A + DPTR
Function:
Jump indirect
Description:
Add the eight-bit unsigned contents of the accumulator with the 16-bit
(in LARGE)/24-bit (in FLAT) active data pointer, and load the resulting
sum to the program counter. This will be the address for subsequent
instruction fetches. 16-bit/24-bit addition is performed: a carry-out from
the low-order eight bits propagates through the higher-order bits.
Neither the accumulator nor the data pointer is altered. No flags are
affected.
Operation:
(PC)
← (A) + (DPTR)
Bytes:
1
Cycles:
5
Encoding:
0
1
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84