| Moteur de recherche de fiches techniques de composants électroniques |
|
DP80390 Fiches technique(PDF) 46 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80390 Fiches technique(HTML) 46 Page - Digital Core Design |
|
46 / 84 page ![]() DP80390 Instructions set details - 46 - All trademarks mentioned in this document http://www.DigitalCoreDesign.com are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved. 3.19. JNC Instruction: JNC rel Function: Jump if carry is not set Description: If the carry flag is a zero, branch to the address indicated; otherwise proceed with the next instruction. The branch destination is computed by adding the signed relative-displacement in the second instruction byte to the PC, after incrementing the PC twice to point to the next instruction. The carry flag is not modified. Operation: (PC) ← (PC) + 2 if (C) = 0 then (PC) ← (PC) + rel Bytes: 2 Cycles: 3 Encoding: 0 1 0 1 0 0 0 0 relative address |