| Moteur de recherche de fiches techniques de composants électroniques |
|
DP80390 Fiches technique(PDF) 75 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80390 Fiches technique(HTML) 75 Page - Digital Core Design |
|
75 / 84 page ![]() DP80390 Instructions set details - 75 - All trademarks mentioned in this document http://www.DigitalCoreDesign.com are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved. 3.38. SETB Instruction: SETB <bit> Function: Set bit Description: SETB sets the indicated bit to one. SETB can operate on the carry flag or any directly addressable bit. No other flags are affected. 3.38.1. SETB C Operation: (PC) ← (PC) + 1 (C) ← 1 Bytes: 1 Cycles: 1 Encoding: 1 1 0 1 0 0 1 1 3.38.2. SETB BIT Operation: (PC) ← (PC) + 2 (bit) ← 1 Bytes: 2 Cycles: 3 Encoding: 1 1 0 1 0 0 1 0 bit address |