Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP80390 Fiches technique(PDF) 43 Page - Digital Core Design

No de pièce DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCD [Digital Core Design]
Site Internet  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Fiches technique(HTML) 43 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 39Page - Digital Core Design DP80390 Datasheet HTML 40Page - Digital Core Design DP80390 Datasheet HTML 41Page - Digital Core Design DP80390 Datasheet HTML 42Page - Digital Core Design DP80390 Datasheet HTML 43Page - Digital Core Design DP80390 Datasheet HTML 44Page - Digital Core Design DP80390 Datasheet HTML 45Page - Digital Core Design DP80390 Datasheet HTML 46Page - Digital Core Design DP80390 Datasheet HTML 47Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
DP80390 Instructions set details
- 43 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.16.
JC
Instruction:
JC rel
Function:
Jump if carry is set
Description:
If the carry flag is set, branch to the address indicated; otherwise
proceed with the next instruction. The branch destination is computed
by adding the signed relative- displacement in the second instruction
byte to the PC, after incrementing the PC twice. No flags are affected.
Operation:
(PC)
← (PC) + 2
if (C) = 1 then
(PC)
← (PC) + rel
Bytes:
2
Cycles:
3
Encoding:
0
1
0
0
0
0
0
0
relative address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84