Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP80390 Fiches technique(PDF) 61 Page - Digital Core Design

No de pièce DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCD [Digital Core Design]
Site Internet  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Fiches technique(HTML) 61 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 57Page - Digital Core Design DP80390 Datasheet HTML 58Page - Digital Core Design DP80390 Datasheet HTML 59Page - Digital Core Design DP80390 Datasheet HTML 60Page - Digital Core Design DP80390 Datasheet HTML 61Page - Digital Core Design DP80390 Datasheet HTML 62Page - Digital Core Design DP80390 Datasheet HTML 63Page - Digital Core Design DP80390 Datasheet HTML 64Page - Digital Core Design DP80390 Datasheet HTML 65Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
DP80390 Instructions set details
- 61 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.27.
MUL
Instruction:
MUL AB
Function:
Multiply
Description:
MUL AB multiplies the unsigned eight-bit integers in the accumulator
and register B. The low-order byte of the sixteen-bit product is left in the
accumulator, and the high-order byte in B. If the product is greater than
255 (0FF H) the overflow flag is set; otherwise it is cleared. The carry
flag is always cleared.
Operation:
(PC)
← (PC) + 1
(A)
← (A) x (B) – result’s bits 7..0
(B)
← (A) x (B) – result’s bits 15..8
Bytes:
1
Cycles:
2
Encoding:
1
0
1
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84