| Moteur de recherche de fiches techniques de composants électroniques |
|
DP80390 Fiches technique(PDF) 65 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DP80390 Fiches technique(HTML) 65 Page - Digital Core Design |
|
65 / 84 page ![]() DP80390 Instructions set details - 65 - All trademarks mentioned in this document http://www.DigitalCoreDesign.com are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved. Function: Logical OR for bit variables Description: Set the carry flag if the Boolean value is a logic 1; leave the carry in its current state otherwise. A slash (“/”) preceding the operand in the assembly language indicates that the logical complement of the addressed bit is used as the source value, but the source bit itself is not affected. No other flags are affected. 3.29.7. ORL C, BIT Operation: (PC) ← (PC) + 2 (C) ← (C) or (bit) Bytes: 2 Cycles: 2 Encoding: 0 1 1 1 0 0 1 0 bit address 3.29.8. ORL C, /BIT Operation: (PC) ← (PC) + 2 (C) ← (C) or /(bit) Bytes: 2 Cycles: 2 Encoding: 1 0 1 0 0 0 0 0 bit address |