Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP80390 Fiches technique(PDF) 29 Page - Digital Core Design

No de pièce DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCD [Digital Core Design]
Site Internet  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Fiches technique(HTML) 29 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 25Page - Digital Core Design DP80390 Datasheet HTML 26Page - Digital Core Design DP80390 Datasheet HTML 27Page - Digital Core Design DP80390 Datasheet HTML 28Page - Digital Core Design DP80390 Datasheet HTML 29Page - Digital Core Design DP80390 Datasheet HTML 30Page - Digital Core Design DP80390 Datasheet HTML 31Page - Digital Core Design DP80390 Datasheet HTML 32Page - Digital Core Design DP80390 Datasheet HTML 33Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
DP80390 Instructions set details
- 29 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.7.
CLR
3.7.1. CLR A
Function:
Clear accumulator
Description: The accumulator is cleared (all bits set to zero). No flags are affected.
Operation:
(PC)
← (PC) + 1
(A)
← 0
Bytes:
1
Cycles:
1
Encoding:
1
1
1
0
0
1
0
0
3.7.2. CLR BIT
Function:
Clear bit
Description: The indicated bit is cleared (reset to zero). No other flags are affected.
Operation:
(PC)
← (PC) + 2
bit
← 0
Bytes:
2
Cycles:
3
Encoding:
1
1
0
0
0
0
1
0
bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84