Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 130 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 130 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 126Page - STMicroelectronics ST20CX Datasheet HTML 127Page - STMicroelectronics ST20CX Datasheet HTML 128Page - STMicroelectronics ST20CX Datasheet HTML 129Page - STMicroelectronics ST20CX Datasheet HTML 130Page - STMicroelectronics ST20CX Datasheet HTML 131Page - STMicroelectronics ST20CX Datasheet HTML 132Page - STMicroelectronics ST20CX Datasheet HTML 133Page - STMicroelectronics ST20CX Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 212 page
background image
move2dnonzero
®
130/212
move2dnonzero
2D block copy non-zero bytes
Code: 25 FD
Description: Copy non-zero valued bytes from a 2D block of memory to another,
non-overlapping, area using parameters set up by
move2dinit. The copy is performed
using the minimum number of word reads and writes. Areg is the number of bytes in
each row, Breg is the address of the destination, and Creg is the address of the
source.
Definition:
if (
source and destination overlap)
Undefined effect
else for y = 0 .. (count
− 1)
for x = 0 .. (Aregunsigned − 1)
if (byte[Creg
+ (y × srcStride) + x] ≠ 0)
byte
′[Breg + (y × dstStride) + x] ← byte[Creg + (y × srcStride) + x]
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
where
count
= Move2dBlockLength
dstStride
= Move2dDestStride
srcStride
= Move2dSourceStride
Error signals: none
Comments:
Secondar y instruction.
Instruction is interruptible.
See also:
move2dinit move2dzero move2dall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More