| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20CX Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20CX Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 212 page ![]() devsb 67/212 ® devsb device store byte Code: 2F F1 Description: Perform a device write from memory, a memory-mapped device or a peripheral. Store the least significant byte of Breg into the byte addressed by Areg. The memory access performed by this instruction is guaranteed to be correctly sequenced with respect to other device-access instructions. Also the instruction is guaranteed to be executed after all normal memory store instructions that appear before it in the code sequence, and before all normal memory stores that appear after it. Definition: if (PeripheralStart ≤ Areg ≤ PeripheralEnd) PeripheralByte ′[Areg] ← Breg 0..7 else byte ′[Areg] ← Breg 0..7 Areg ′← Creg Breg ′← undefined Creg ′← undefined Error signals: none Comments: Secondary instruction. See also: devlb devss devsw sb |