Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 61Page - STMicroelectronics ST20CX Datasheet HTML 62Page - STMicroelectronics ST20CX Datasheet HTML 63Page - STMicroelectronics ST20CX Datasheet HTML 64Page - STMicroelectronics ST20CX Datasheet HTML 65Page - STMicroelectronics ST20CX Datasheet HTML 66Page - STMicroelectronics ST20CX Datasheet HTML 67Page - STMicroelectronics ST20CX Datasheet HTML 68Page - STMicroelectronics ST20CX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 212 page
background image
devlw
65/212
®
devlw
device load word
Code: 2F F4
Description: Perform a device read from memory, a memory-mapped device or a
peripheral. The word addressed by Areg is read into Areg. The memory access
performed by this instruction is guaranteed to be correctly sequenced with respect to
other device-access instructions. Also the instruction is guaranteed to be executed
after all normal memory load instructions that appear before it in the code sequence,
and before all normal memory loads that appear after it.
Definition:
if (PeripheralStart
≤ Areg ≤ PeripheralEnd)
Areg
′← PeripheralWord[Areg]
else
Areg
′← word[Areg]
Error signals: none
Comments:
Secondary instruction.
See also:
devlb devls devsw ldnl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More