Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 125Page - STMicroelectronics ST20CX Datasheet HTML 126Page - STMicroelectronics ST20CX Datasheet HTML 127Page - STMicroelectronics ST20CX Datasheet HTML 128Page - STMicroelectronics ST20CX Datasheet HTML 129Page - STMicroelectronics ST20CX Datasheet HTML 130Page - STMicroelectronics ST20CX Datasheet HTML 131Page - STMicroelectronics ST20CX Datasheet HTML 132Page - STMicroelectronics ST20CX Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 212 page
background image
move2dinit
129/212
®
move2dinit
initialize data for 2D block move
Code: 25 FB
Description: Set up the first three par ameters for a 2D block move: Areg is the
number of rows to copy, Breg is the width of the destination array, and Creg is the
width of the source array. This instruction must be executed before each 2D block
move.
Definition:
Move2dBlockLength
′← Areg
Move2dDestStride
′← Breg
Move2dSourceStride
′← Creg
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
See also:
move2dall move2dnonzero move2dzero stmove2dinit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More