Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 67Page - STMicroelectronics ST20CX Datasheet HTML 68Page - STMicroelectronics ST20CX Datasheet HTML 69Page - STMicroelectronics ST20CX Datasheet HTML 70Page - STMicroelectronics ST20CX Datasheet HTML 71Page - STMicroelectronics ST20CX Datasheet HTML 72Page - STMicroelectronics ST20CX Datasheet HTML 73Page - STMicroelectronics ST20CX Datasheet HTML 74Page - STMicroelectronics ST20CX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
disc
71/212
®
disc
disable channel
Code: 22 FF
Description: Disable a channel guard in an alternative sequence. Areg is the offset
from the byte following the
altend to the start of the guarded process, Breg is the
boolean guard and Creg is a pointer to the channel. If this is the first ready guard then
the value in Areg is stored in workspace and Areg is set to
true, otherwise Areg is set
to
false. Note that this instruction should be used as part of an alternative sequence
following an
altwt or taltwt instruction.
Definition:
if (Breg
= false)– boolean guard is false
Areg
′← false
else if (Creg
is internal channel)
{
if (word[Creg]
= NotProcess.p)
–
guard already disabled
Areg
′← false
else if (word[Creg]
= Wdesc)
– this guard is not ready
{
word
′[Creg]
← NotProcess.p
Areg
′← false
}
else if (word[Wptr @ pw.Temp]
= NoneSelected.o)
{
– this is the first ready guard
word
′[Wptr @ pw.Temp]
← Areg
Areg
′← true
}
else
– a previous guard selected
Areg
′← false
}
else if (Creg i
s external channel)
{
Disable comms subsystem and receive status
if (
channel not ready)
– channel not waiting
Areg
′← false
else if (word[Wptr @ pw.Temp]
= NoneSelected.o)
{–
this is the first ready guard
word
′[Wptr @ pw.Temp]
← Areg
Areg
′← true
}
else
- a previous guard selected
Areg
′← false
}
Breg
′← undefined
Creg
′← undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More